fast recovery glass passivated rectifier voltage range 50 to 1000 volts current 20.0 amperes features ? fast sw itching ? low leakage ? low forward voltage drop ? high current capability ? high surge capability ? high reliability high temperature soldering : 260 ? o c / 10 seconds at terminals pb free product at available : 99% sn above meet rohs environment substance directive request. mechanical data ? ca se: ito-220ab molded plastic ? epoxy : device has ul flammability classi fication 94 v-o ? lead: mil-std-202e method 208c guaranteed ? mounting position: an y ? weight: 2.24 grams ? polarity: as m arking maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings (at t a = 25 c unless otherwise noted) ratings symbol fg 2001fct fg 2002fct fg 2003fct fg 2004fct fg 2005fct fg 2006fct fg 2007fct units maximum recu rrent peak reverse v oltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rect if ied curren t at tc = 75 i o 20.0 amps peak forward surge current 8.3 ms single half sine- wave supe rimposed on rated load (jedec method) i fsm 150 amps typical thermal resistance (note 3 ) r j c 3 typical junction capacitance (note 2) c j 50 pf operating and storage temperature range t j , t stg -55 to +150 electrical characteristics (at t a = 25 otherwise noted) characteristics symbol fg 2001fct fg 2002fct fg 2003fct fg 2004fct fg 2005fct fg 2006fct fg 2007fct units maximum instanta neous forward voltage a t 10.0a dc v f stlov 3.1 maxi mum dc reverse cur rent at rated dc blocking voltage ta = 25 10 uamps maximum full load reverse current average, full cycle at tc = 100 i r 150 uamps maximum reverse recovery time (note 1) trr 150 250 500 nsec 1. test conditions: if = 0.5a, ir = -1.0a, irr = -0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 volts 3. thermal resistance junction to case. 4. suffix ?r? for reverse polarity. ito-220ab unit:inch(mm) data sheet FG2001FCT~fg2007fct semiconductor notes : http://www.yeashin.com 1 rev.02 20150105 c c/w unless c c c c .138(3.50)
ratings and characteristic curves fig.1- reverse recovery time characteristic and test circuit diagram 50 noninductive non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm fig.2- maximum forward current derating curve a egarev rof w dra tnerruc . )a( 0 75 150 20.0 case temperature. ( c) o fig.4- maximum non-repetitive forward surge current per leg rofkaep tnerrucegrusdraw )a(. 1 001 02 01 5 2 50 50 200 250 300 150 100 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.6- typical instantaneous forward characteristics per leg rofsuoenatnatsni tnerrucdraw )a(. .8 .9 1.0 1.1 1.2 1.3 1.4 1.5 .1 .2 .4 1.0 2 4 10 20 40 80 instantaneous forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.3- typical reverse characteristics per leg tnerrucesreversuoenatnatsni )a(. 0 20 40 60 80 100 120 140 0.1 1.0 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.5- typical junction capacitance per leg )fp(.ecnaticapac 0.1 0.5 1.0 5 10 50 100 500 1000 50 100 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 0 0 FG2001FCT~fg2007fct http://www.yeashin.com 2 rev.02 20150105
?Z packing ? dimension ? qty picture ?? bag/tube / ? 527mm*33mm*7mm 50 pcs inner box ? 555mm*140mm*55mm 2000 pcs 575mm*285mm *155mm 8000 pcs to/ito220 ? yeashin technology co., ltd. http ?g //www.yeashin.com
|